Part Number Hot Search : 
18240450 15KP17A SD101BW 3301R MX25L32 G205I AN7381 GC1000
Product Description
Full Text Search
 

To Download F61A2100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R/SEC/F61A.100/A/12/10/2000
RELAIS REED A CONTACT SEC/ 4KV Bobine/ contact REED RELAY / DRY CONTACT/ 4KVcoil/ contact insulation
Pour circuit imprime/
page 1 / 2 F/GB
For printed circuit board
Un contact normalement ouvert/
F61A . 100
4000V 250 VDC ou crete (or peak) 400 mA REF. Marquage/Marking F61A2100 F61A2100 F61A5100 F61A5100 F61A7100 F61A7100
One normally open contact
sous capot plastique/ In plastic cover
caracteristisques principales/ main characteristics
Isolation bobine/contact / Coil/contact insulation tension maximale de commutation/ maximum switching voltage courant maximal de commutation / maximum switching current puissance maximale/ contact rating
courant traversant/ nominal current 1 A 12 W materiau de contact/ contact material Rhodium 31 9,5 11 5,08
==
3,3 0,2
2,54 25,4
O0,6
bornage : vue de dessus pas de 2,54 mm wiring : top view step 2,54 mm
dimensions en mm / dimensions in mm
caracteristiques de controle/control data
REF.
tension max/ maximum voltage (V) tension nominale/ nominal voltage (V) tension d'action/ operate voltage to secure the function from -40 to + 85 C (V) tension de relachement/ release voltage (V) consommation nominale a 20 C/power dissipated on the coil at 20 C (mW)
F61A
2 100
10 5 3,5 0,3 72
5 100
25 12 8,4 0,7 67
7 100
50 24 16,8 1,4 75
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
r
celduc
e l a i
s
R/SEC/F61A.100/A/12/10/2000
page 2 / 2 F/GB
caracteristiques electriques/electrical data
resistance initiale de contact/ Initial contact resistance ( 100 mA/ 12 VAC) 100 m resistance de bobine/coil resistance at 20 C F61A 2 100 5 100 7 100 -variation 10 % each 25 C 345 2145 7845 tension de tenue/ hold-on voltage - entre lames/ accross contacts - entre bobine et contact/ between coil and contacts - entre boitier et contact /between case and contacts - entre boitier et bobine/ between case and coil resistance d'isolement/ insulation resistance - entre lames/ accross contacts - entre bobine et contact/ between coil and contacts - entre boitier et contact /between case and contacts - entre boitier et bobine/ between case and coil
250 Vac 4000 Vac 4000 Vac 1000 Vac 1010 1010 1010 109
frequence de resonnance de l'interrupteur/ resonnance frequency of the switch 2000 Hz temps de fermeture, rebonds inclus/ operate time, bounces included 1 ms temps d'ouverture/ release time 0,1 ms Duree de vie electrique/ Electrical life time Duree de vie mecanique/ mecanical life expectancy voltage 5V 50mV 10mA > 109 op 5V = 200mA > 90 106 >1. 109 op 30 V 200 100 VAC 60
caracteristiques physiques/ physical data current ( mA ) 10
life expectancy ( - x 106 op. ) 200 temperature de fontionnement/-9 operating temperature rate of failure ( - x 10 defaut / op.) 5 temperature de stockage/ storage temperature poids/ weight chocs/shocks (11ms) vibrations ( 50 to 2000 Hz )
180 830 - 40 a + 85 C 5,6 1,2 - 40 a + 100 C 4,5 gr. max. 100 g 30 g
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of F61A2100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X